|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LED - Lamp 16.11.2007 Radiation Red Type Point source (ball lens) Technology AlInGaP/GaAs ELP-645-013 rev. 05 Case TO-18 + flat window Description Red, high speed point source LED, high reliability, small-size emitting aperture 0,4 O 0,45 O0,55 O5,4 Cathode O2,4 2,54 Cathode O4,65 Anode Anode 0,25 2,0 13,5 1,0 0,1 Applications Optical communications, safety equipment, automation, optical sensors, optical switches 3,3 0,2 Maximum Ratings Tamb = 25C, unless otherwise specified Parameter Forward current (DC) Peak forward current Power dissipation Operating temperature range Storage temperature range Soldering temperature t 5 s, 3 mm from case (tP 50 s, tP /T = 1/2) Test onditions Symbol IF IFM PD Tamb Tstg Tsd Value 20 100 60 -30 to +100 -40 to +125 260 Unit mA mA mW C C C Optical and Electrical Characteristics Tamb = 25C, unless otherwise specified Test Parameter conditions IF = 10 mA Forward voltage Forward voltage Reverse voltage Radiant power Radiant power Luminous intensity Peak wavelength Dominant wavelength Spectral bandwidth at 50% Viewing angle Switching time IF = 20 mA IR = 10 A IF = 10 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA Symbol VF VF VR e e v P D 0.5 tr, tf 80 630 5 0.1 0.15 0.25 120 645 634 20 14 10 655 Min Typ 2.3 2.5 Max 2.9 3.0 Unit V V V mW mW mcd nm nm nm deg. ns Note: All measurements carried out on EPIGAP equipment We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 1 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 LED - Lamp 16.11.2007 Radiant power vs. forward current (typical) normalized to E @ IF= 10 mA 2.5 20 ELP-645-013 rev. 05 Forward current vs. forward voltage (typical) 2.0 15 e (rel.) IF (mA) 1.5 10 1.0 5 0.5 0.0 0 5 10 15 20 0 0 1 2 3 4 IF (mA) UF (V) Typical spectral power distribution (IF = 10 mA) 1.0 3 2 Typical wavelength shift vs. forward current (rel. to P @IF = 10 mA) rel. Intensity (arb. units) 0.8 Wavelength shift (nm) 1 0 -1 -2 -3 0.6 0.4 0.2 0.0 400 500 600 700 800 900 0 5 10 15 20 Wavelength (nm) IF (mA) Ambient Temperature vs. maximal forward current 25 Max. forward current (mA) 20 15 10 5 0 0 25 50 75 100 Ambient Temperature (C) We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications.All operating parameters must be validated for each customer application by the customer. EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 2 of 2 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 |
Price & Availability of ELP-645-013 |